| Moteur de recherche de fiches techniques de composants électroniques |
|
L7C109KAMB25 Fiches technique(PDF) 2 Page - LOGIC Devices Incorporated |
|
|
|||||||||||||||||||||||||||||
L7C109KAMB25 Fiches technique(HTML) 2 Page - LOGIC Devices Incorporated |
|
2 / 15 page ![]() I I I I Active Active Active LOGIC Devices Incorporated www.logicdevices.com Feb 17, 2012 LDS-L7C108/9-G 1M Static RAMs 2 128K x 8 Static RAM L7C108 L7C109 9 WE ROW ADDRESS I/O7 - 0 COLUMN SELECT & COLUMN SENSE CONTROL 8 COLUMN ADDRESS 8 CE1 OE CE2 (L7C109 only) 128 K x 8 MEMORY ARRAY L7C108-109 Block Diagram Mode OE CE1 CE2* WE DQ POWER Standby Standby Standby Standby Read Read Write TRUTH TABLE * Note: for L7C109 only X X X X L H X VIH X VCC - 0.2 V X L L L X VIL X GND + 0.2 V H H H X X X X H H L High - Z High - Z High - Z High - Z High - Z D |