| Moteur de recherche de fiches techniques de composants électroniques |
|
LS8293 Fiches technique(PDF) 13 Page - LSI Computer Systems |
|
|
|||||||||||||||||||||||||||||
LS8293 Fiches technique(HTML) 13 Page - LSI Computer Systems |
|
13 / 13 page ![]() Step Number PWM Duty Cycle (%) Full 1/2 1/4 1/8 1/16 1/32 INH1/ INH2/ PHA PHB PHC PHD Step Angle (º ) 117 97.0 24.4 1 0 1 0 329.06 59 118 95.7 29.0 1 0 1 0 331.88 119 94.2 33.7 1 0 1 0 334.69 15 30 60 120 92.4 38.3 1 0 1 0 337.50 121 90.4 42.8 0 1 0 1 340.31 61 122 88.2 47.1 0 1 0 1 343.13 123 85.8 51.4 0 1 0 1 345.95 31 62 124 83.1 55.6 0 1 0 1 348.75 125 80.3 59.6 0 1 0 1 351.56 63 126 77.3 63.4 0 1 0 1 354.38 127 74.1 67.2 0 1 0 1 357.19 0 0 0 0 0 0 70.7 70.7 0 1 0 1 HOME NOTE: In Table4 the PWM duty cycles are indicated for Fast Decay mode which causes INH1/ and INH2/ outputs to be chopped. In Slow Decay mode INH1/ and INH2/ outputs remain high while PHA, PHB, PHC and PHD outputs are chopped. 8292-021811-13 |