Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LS7637FO Fiches technique(PDF) 7 Page - LSI Computer Systems

No de pièce LS7637FO
Description  REVERSE PHASE (TRAILING-EDGE) HALOGEN LAMP DIMMER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LSI [LSI Computer Systems]
Site Internet  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS7637FO Fiches technique(HTML) 7 Page - LSI Computer Systems

  LS7637FO Datasheet HTML 1Page - LSI Computer Systems LS7637FO Datasheet HTML 2Page - LSI Computer Systems LS7637FO Datasheet HTML 3Page - LSI Computer Systems LS7637FO Datasheet HTML 4Page - LSI Computer Systems LS7637FO Datasheet HTML 5Page - LSI Computer Systems LS7637FO Datasheet HTML 6Page - LSI Computer Systems LS7637FO Datasheet HTML 7Page - LSI Computer Systems  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
7636-041809-7
VDD
TOUCH
PLATE
Q1
Q2
D1
R3
R1
R2
TOUCH
OUTPUT
R4
R5
R1 = 1M D1 = 1N4148
R2 = 1M Q1 = MPS8599
R3 = 220k Q2 = MPS8099
R4 = 100k
R5 = 510k
All Resistors 1/4W
FIGURE 6. Application Circuit For Touch Control Operation
TO SENS, PIN 5
The Application Circuit shown in Figure 6 can be applied to the Reverse Dimmer cir-
cuits shown in Figure 4 (Option 1) and Figure 5 (Option 2). The Touch Output is con-
nected to the SENSE input (Pin 5) of LS7636. When using the circuit shown in Figure
6, the following components must be removed in Figure 4 and Figure 5:
Figure 4 - Remove R6, D5, EXT SWITCH and SENSE SWITCH. C3 remains.
Figure 5 - Remove R5, D3, EXT SWITCH and SENSE SWITCH. C3 remains.



Html Pages

1 2 3 4 5 6 7