Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LS7642 Fiches technique(PDF) 3 Page - LSI Computer Systems

No de pièce LS7642
Description  VOLTAGE CONTROLLED LIGHT DIMMER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LSI [LSI Computer Systems]
Site Internet  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS7642 Fiches technique(HTML) 3 Page - LSI Computer Systems

  LS7642 Datasheet HTML 1Page - LSI Computer Systems LS7642 Datasheet HTML 2Page - LSI Computer Systems LS7642 Datasheet HTML 3Page - LSI Computer Systems LS7642 Datasheet HTML 4Page - LSI Computer Systems LS7642 Datasheet HTML 5Page - LSI Computer Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
7642-042908-3
FIGURE 3. TOUCH to ON/OFF RAMP RATE
FIGURE 2. BCV Volts vs TRIG/ Conduction Angle (VDD = 5V)
0
20
40
60
80
100
120
140
1 60
180
1
1.5
2
2.5
3
3.5
4
4.5
BCV, Volts
NOTE 3. On-state brightness level is set by the analog voltage, Vb, at the BCV input
ss
SENS/
ss
OFF
ON (Note 3)
OFF
OFF
ON (Note 3)
ø



Html Pages

1 2 3 4 5