Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LS6525 Fiches technique(PDF) 2 Page - LSI Computer Systems

No de pièce LS6525
Description  BATTERY POWERED LOW-POWER PIR SENSOR INTERFACE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LSI [LSI Computer Systems]
Site Internet  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS6525 Fiches technique(HTML) 2 Page - LSI Computer Systems

  LS6525 Datasheet HTML 1Page - LSI Computer Systems LS6525 Datasheet HTML 2Page - LSI Computer Systems LS6525 Datasheet HTML 3Page - LSI Computer Systems LS6525 Datasheet HTML 4Page - LSI Computer Systems LS6525 Datasheet HTML 5Page - LSI Computer Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
 
6525-030713-2
PIN7 – V1P1 – Internally biased to 1.1V and applied to non-inverting input of AMP2. Requires an external bypass capacitor.
PIN8 – AMP2N – Inverting input of AMP2 amplifier.
PIN9 – AMP2O – Output of the AMP2 amplifier.
PIN10 – NC – For LS6525.
PIN10 – LOBAT Output – For LS6526 only. Open drain output requiring an external pull-up resistor to a power-supply that can be higher than VDD.
An active low at the output signifies that a low battery condition exists.
PIN11 – TEST – This pin is not used and must be tied to ground.
PIN12 – INT Output – Open drain output requiring an external pull-up resistor to a power supply that can be higher than VDD. A recognized Interrupt
signal will be an active low at this output.
PIN13 – VDD – Power Supply Voltage
PIN14 – VSS – Power Supply Ground



Html Pages

1 2 3 4 5