| Moteur de recherche de fiches techniques de composants électroniques |
|
EMS22R30-R20-LS6 Fiches technique(PDF) 3 Page - Bourns Electronic Solutions |
|
|
|||||||||||||||||||||||||||||
EMS22R30-R20-LS6 Fiches technique(HTML) 3 Page - Bourns Electronic Solutions |
|
3 / 5 page ![]() EMS22P - Non-Contacting PWM Encoder Product Dimensions Consult factory for options not shown, including: • Wire lead or cable options • Special shaft/bushing sizes and features • Connectors • Special performance characteristics • Non-standard resolutions • PCB mounting bracket Specifications are subject to change without notice. The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time. Users should verify actual device performance in their specific applications. 9.53 (.375) 22.23 ± .78 (.875 ± .031) 13.89 ± .38 (.547 ± .015) 15.88 ± .25 (.625 ± .010) 1.57 ± 0.12 (.062 ± .005) .51 ± .03 (.020 ± .001) 2.01 (.079) 5 PLCS. 6 PLCS. 6 PLCS. 4.00 (.157) 2.79 (.110) .51 ± .03 (.020 ± .001) DIA. 10.29 ± 0.12 (.405 ± .005) DIA. 21.21 ± .25 (.835 ± .010) AR LUG 1.18 ± 0.12 (.047 ± .005) R 0.66 ± 0.12 (.026 ± .005) HIGH (FMS) X 3.17 +.00/-.01 (.1247 +.0000/-.0003) 7.94 ± .012 (.313 ± .005) 7.95 ± .012 (.313 ± .005) PANEL LAYOUT 3.18 ± 0.12 (.125 ± .005) DIA. 10.67 ± 0.12 (.420 ± .005) DIA. 9.53 (.375) 22.23 ± .78 (.875 ± .031) 1.57 ± 0.12 (.062 ± .005) 13.89 ± .38 (.547 ± .015) 4.00 (.157) 10.29 (.405) DIA. DIA. 6.34 (0.249) 15.88 ± .25 (.625 ± .010) .51 ± .03 (.020 ± .001) 2.01 (.079) 5 PLCS. 6 PLCS. 6 PLCS. 2.79 (.110) .51 ± .03 (.020 ± .001) 21.21 ± .25 (.835 ± .010) R X AR LUG 1.18 ± 0.12 (.047 ± .005) 0.66 ± 0.12 (.026 ± .005) HIGH (FMS) 7.95 ± 0.12 (.313 ± .005) 7.94 ± 0.12 (.313 ± .005) 3.18 ± 0.12 (.125 ± .005) DIA. PANEL LAYOUT 10.67 ± 0.12 (.420 ± .005) DIA. DIMENSIONS: MM (INCHES) Shaft Style D (Bushing T) Shaft Style B (Bushing S) |