| Moteur de recherche de fiches techniques de composants électroniques |
|
SN74ACT74DBRG4 Fiches technique(PDF) 6 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
SN74ACT74DBRG4 Fiches technique(HTML) 6 Page - Texas Instruments |
|
6 / 21 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 25-Sep-2013 Addendum-Page 1 PACKAGING INFORMATION Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish MSL Peak Temp (3) Op Temp (°C) Device Marking (4/5) Samples 5962-8752501M2A ACTIVE LCCC FK 20 1 TBD POST-PLATE N / A for Pkg Type -55 to 125 5962- 8752501M2A SNJ54ACT 74FK 5962-8752501MCA ACTIVE CDIP J 14 1 TBD A42 N / A for Pkg Type -55 to 125 5962-8752501MC A SNJ54ACT74J 5962-8752501MDA ACTIVE CFP W 14 1 TBD A42 N / A for Pkg Type -55 to 125 5962-8752501MD A SNJ54ACT74W SN74ACT74D ACTIVE SOIC D 14 50 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 85 ACT74 SN74ACT74DBLE OBSOLETE SSOP DB 14 TBD Call TI Call TI -40 to 85 SN74ACT74DBR ACTIVE SSOP DB 14 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 85 AD74 SN74ACT74DBRE4 ACTIVE SSOP DB 14 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 85 AD74 SN74ACT74DBRG4 ACTIVE SSOP DB 14 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 85 AD74 SN74ACT74DE4 ACTIVE SOIC D 14 50 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 85 ACT74 SN74ACT74DG4 ACTIVE SOIC D 14 50 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 85 ACT74 SN74ACT74DR ACTIVE SOIC D 14 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 85 ACT74 SN74ACT74DRE4 ACTIVE SOIC D 14 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 85 ACT74 SN74ACT74DRG4 ACTIVE SOIC D 14 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 85 ACT74 SN74ACT74N ACTIVE PDIP N 14 25 Pb-Free (RoHS) CU NIPDAU N / A for Pkg Type -40 to 85 SN74ACT74N SN74ACT74NE4 ACTIVE PDIP N 14 25 Pb-Free (RoHS) CU NIPDAU N / A for Pkg Type -40 to 85 SN74ACT74N SN74ACT74NSR ACTIVE SO NS 14 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 85 ACT74 |