Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

A43L0616AV Fiches technique(PDF) 40 Page - AMIC Technology

No de pièce A43L0616AV
Description  512K X 16 Bit X 2 Banks Synchronous DRAM
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMICC [AMIC Technology]
Site Internet  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A43L0616AV Fiches technique(HTML) 40 Page - AMIC Technology

Back Button A43L0616AV Datasheet HTML 36Page - AMIC Technology A43L0616AV Datasheet HTML 37Page - AMIC Technology A43L0616AV Datasheet HTML 38Page - AMIC Technology A43L0616AV Datasheet HTML 39Page - AMIC Technology A43L0616AV Datasheet HTML 40Page - AMIC Technology A43L0616AV Datasheet HTML 41Page - AMIC Technology A43L0616AV Datasheet HTML 42Page - AMIC Technology A43L0616AV Datasheet HTML 43Page - AMIC Technology A43L0616AV Datasheet HTML 44Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 45 page
background image
A43L0616A
(May, 2001, Version 1.0)
39
AMIC Technology, Inc.
Mode Register Set Cycle
Auto Refresh Cycle
0
1
2
3
4
5
6
0
1
2
3
4
5
6
7
8
9
10
CLOCK
CKE
CS
RAS
CAS
ADDR
: Don't care
WE
Auto Refresh
New Command
DQM
DQ
MRS
* Note 1
Hi-Z
Hi-Z
High
High
tRC
*Note 2
Key
* Note 3
New
Command
Ra
* Both banks precharge should be completed before Mode Register Set cycle and auto refresh cycle.
MODE REGISTER SET CYCLE
* Note : 1.
CS, RAS , CAS & WE activation at the same clock cycle with address key will set internal
mode register.
2. Minimum 2 clock cycles should be met before new
RAS activation.
3. Please refer to Mode Register Set table.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45