Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STA309A Fiches technique(PDF) 44 Page - STMicroelectronics

No de pièce STA309A
Description  Multi-channel digital audio processor with DDX
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA309A Fiches technique(HTML) 44 Page - STMicroelectronics

Back Button STA309A Datasheet HTML 40Page - STMicroelectronics STA309A Datasheet HTML 41Page - STMicroelectronics STA309A Datasheet HTML 42Page - STMicroelectronics STA309A Datasheet HTML 43Page - STMicroelectronics STA309A Datasheet HTML 44Page - STMicroelectronics STA309A Datasheet HTML 45Page - STMicroelectronics STA309A Datasheet HTML 46Page - STMicroelectronics STA309A Datasheet HTML 47Page - STMicroelectronics STA309A Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 67 page
background image
Registers
STA309A
44/67
Doc ID 13855 Rev 4
7.2.36
AGEQ - graphic EQ 80-Hz band (0x23)
7.2.37
BGEQ - graphic EQ 300-Hz band (0x24)
7.2.38
CGEQ - graphic EQ 1-kHz band (0x25)
7.2.39
DGEQ - graphic EQ 3-kHz band (0x26)
7.2.40
EGEQ - graphic EQ 8-kHz band (0x27)
D7
D6
D5
D4
D3
D2
D1
D0
Reserved
AGEQ4
AGEQ3
AGEQ2
AGEQ1
AGEQ0
00
00
111
1
D7
D6
D5
D4
D3
D2
D1
D0
Reserved
BGEQ4
BGEQ3
BGEQ2
BGEQ1
BGEQ0
00
00
111
1
D7
D6
D5
D4
D3
D2
D1
D0
Reserved
CGEQ4
CGEQ3
CGEQ2
CGEQ1
CGEQ0
00
00
111
1
D7
D6
D5
D4
D3
D2
D1
D0
Reserved
DGEQ4
DGEQ3
DGEQ2
DGEQ1
DGEQ0
00
00
111
1
D7
D6
D5
D4
D3
D2
D1
D0
Reserved
EGEQ4
EGEQ3
EGEQ2
EGEQ1
EGEQ0
00
00
111
1
Table 66.
xGEQ bits
xGEQ[4:0]
Boost / cut
11111
+16
11110
+15
11101
+14
……
10000
+1
01111
0
01110
-1
……
00001
-14
00000
-15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67