Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HC4060 Fiches technique(PDF) 12 Page - STMicroelectronics

No de pièce HC4060
Description  14-stage binary counter/oscillator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HC4060 Fiches technique(HTML) 12 Page - STMicroelectronics

Back Button HC4060 Datasheet HTML 8Page - STMicroelectronics HC4060 Datasheet HTML 9Page - STMicroelectronics HC4060 Datasheet HTML 10Page - STMicroelectronics HC4060 Datasheet HTML 11Page - STMicroelectronics HC4060 Datasheet HTML 12Page - STMicroelectronics HC4060 Datasheet HTML 13Page - STMicroelectronics HC4060 Datasheet HTML 14Page - STMicroelectronics HC4060 Datasheet HTML 15Page - STMicroelectronics HC4060 Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
Package information
M74HC4060
12/16
DocID1967 Rev 2
6
Package information
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK is an ST trademark.
Figure 10. Plastic DIP-16 package outline
Table 9. Plastic DIP-16 (0.25) package mechanical data
Symbol
Dimensions
mm
inch
Min.
Typ.
Max.
Min.
Typ.
Max.
a1
0.51
0.020
B
0.77
1.65
0.030
0.065
b
0.5
0.020
b1
0.25
0.010
D20
0.787
E
8.5
0.335
e
2.54
0.100
e3
17.78
0.700
F
7.1
0.280
I
5.1
0.201
L
3.3
0.130
Z
1.27
0.050



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16