Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L9777B13TR Fiches technique(PDF) 21 Page - STMicroelectronics

No de pièce L9777B13TR
Description  Low power voltage regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9777B13TR Fiches technique(HTML) 21 Page - STMicroelectronics

Back Button L9777B13TR Datasheet HTML 17Page - STMicroelectronics L9777B13TR Datasheet HTML 18Page - STMicroelectronics L9777B13TR Datasheet HTML 19Page - STMicroelectronics L9777B13TR Datasheet HTML 20Page - STMicroelectronics L9777B13TR Datasheet HTML 21Page - STMicroelectronics L9777B13TR Datasheet HTML 22Page - STMicroelectronics L9777B13TR Datasheet HTML 23Page - STMicroelectronics L9777B13TR Datasheet HTML 24Page - STMicroelectronics L9777B13TR Datasheet HTML 25Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
L9777
Electrical and thermal characteristics
Doc ID 13496 Rev 2
21/25
VDD_EN
VDD_EN
VVDDTHL
VDD_EN input low
threshold
--
-
0.30
VCC
V
VDD_EN
VVDDTHH
VDD_EN input high
threshold
-
0.70
VCC
--
V
VDD_EN
VVDDHY
VDD_EN hysteresis
-
200
500
800
mV
VDD_EN
IVDD_EN
Pull up current Option A
-
2.5
5
10
μA
VDD_EN
IVDD_EN
Pull down current
Option B and C
-
5
10
20
μA
VDD (option A)
VDD,VCC
DIFFVR
Output voltage difference
between VDD and VCC
IVDD=1 to 100 mA
-25
-
25
mV
VDD
ILIM2
VDD output limitation
current
-
110
200
400
mA
VI,VDD
VDP2
Dropout voltage
IVDD=100 mA
-
200
400
mV
VDD
VLINE2
VDD Line regulation
voltage
VI = 5.6 to 31 V
IVDD = 1 to 100 mA
--
25
mV
VDD
VLOAD2
VDD Load regulation
voltage
IVDD = 1 to 100 mA
-
-
25
mV
VDD (option B)
VDD,VCC
DIFFVR
Output voltage difference
between VDD and VCC
IVDD = 1 to 50mA VI = 6.6 to 31V
-25
-
25
mV
VDD
ILIM2
VDD output limitation
current
VI = 6.6 to 31V
55
100
240
mA
VI,VDD
VDP2
Dropout voltage
IVDD = 50mA; VI = 6.6 to 31V
-
-
1.5
V
VDD
VLINE2
VDD Line regulation
voltage
IVDD = 1 to 50mA VI = 6.6 to 31V
-
-
25
mV
VDD
VLOAD2
VDD Load regulation
voltage
IVDD = 1 to 50mA VI = 6.6 to 31V
-
-
25
mV
Table 4.
Electrical and thermal characteristics (continued)
Pin
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com