| Moteur de recherche de fiches techniques de composants électroniques |
|
L9777B Fiches technique(PDF) 9 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9777B Fiches technique(HTML) 9 Page - STMicroelectronics |
|
9 / 25 page ![]() L9777 Absolute maximum ratings Doc ID 13496 Rev 2 9/25 2 Absolute maximum ratings Table 3. Absolute maximum ratings Symbol Parameter Min. Max. Unit Input voltage VI VVI Voltage -0.3 40 V IVI Current Internal limited VCC VVCC Voltage -0.3 5.5 V IVCC Current Internal limited NMI VNMI Voltage -0.3 VCC+0.3 V INMI Current Internal limited D VD Voltage -0.3 VCC+0.3 V Current Internal limited RADJ VRADJ Voltage -0.3 VCC+0.3 V IRADJ Current Internal limited WD VWD Voltage -0.3 VCC+0.3 V IWD Current Internal limited WD_EN VWD_EN Voltage -0.3 VCC+0.3 V IWD_EN Current Internal limited VDD_EN VVDD_EN Voltage -0.3 VCC+0.3 V IVDD_EN Current Internal limited RESET VRESET Voltage -0.3 VCC+0.3 V IRESET Current Internal limited |