| Moteur de recherche de fiches techniques de composants électroniques |
|
SJS720200 Fiches technique(PDF) 1 Page - Amphenol Corporation |
|
|
|||||||||||||||||||||||||||||
SJS720200 Fiches technique(HTML) 1 Page - Amphenol Corporation |
|
1 / 4 page ![]() (Actual Size) Introducing the NEW 8-Pin QuickConnect™ New from Amphenol Pcd Locking Mechanism. High Density. No Tools Required. Small Envelope/Lightweight. MORE NEW QUICKCONNECTS Single-Pin QuickConnect™ Triple-Pin QuickConnect™ More details inside More details inside Benefits at a Glance (entire SJS QuickConnect™ series) MIL-T-81714 Developed to meet MIL-T-81714 criteria. Quick, Simple Connection Makes wire installation and maintenance simple and efficient. Environmental Sealing Interfacial and triple-barrier rear seal provide complete environmental sealing. MIL-C-39029 Uses standard MIL-C-39029 contacts. Durability Rugged polyamide housings. Blind-Mate Connection Polarization feature enables blind, foolproof mating. Panel Mount QuickConnect™ Contact us for more information Designed for lean manufacturing, the 8-Pin QuickConnect™ is the latest addition to the SJS QuickConnect series from Amphenol Pcd. It was developed to bring higher reliability and flexibility to wiring applications and to make installation and maintenance easier. INTRODUCING The NEW 8-Pin QuickConnect™ Amphenol Pcd www.amphenolpcd.com email: quickconnect@amphenolpcd.com 978-624-3400 |
Numéro de pièce similaire - SJS720200 |
|
Description similaire - SJS720200 |