| Moteur de recherche de fiches techniques de composants électroniques |
|
PIC24FV32KA302 Fiches technique(PDF) 74 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC24FV32KA302 Fiches technique(HTML) 74 Page - Microchip Technology |
|
74 / 320 page ![]() PIC24FV32KA304 FAMILY DS39995B-page 74 2011 Microchip Technology Inc. REGISTER 7-1: RCON: RESET CONTROL REGISTER(1) R/W-0, HS R/W-0, HS R/W-0 R/W-0 U-0 R/C-0, HS R/W-0 R/W-0 TRAPR IOPUWR SBOREN LVREN(3) — DPSLP CM PMSLP bit 15 bit 8 R/W-0, HS R/W-0, HS R/W-0, HS R/W-0, HS R/W-0, HS R/W-0, HS R/W-1, HS R/W-1, HS EXTR SWR SWDTEN(2) WDTO SLEEP IDLE BOR POR bit 7 bit 0 Legend: C = Clearable bit HS = Hardware Settable bit R = Readable bit W = Writable bit U = Unimplemented bit, read as ‘0’ -n = Value at POR ‘1’ = Bit is set ‘0’ = Bit is cleared x = Bit is unknown bit 15 TRAPR: Trap Reset Flag bit 1 = A Trap Conflict Reset has occurred 0 = A Trap Conflict Reset has not occurred bit 14 IOPUWR: Illegal Opcode or Uninitialized W Access Reset Flag bit 1 = An illegal opcode detection, an illegal address mode or uninitialized W register used as an Address Pointer caused a Reset 0 = An illegal opcode or uninitialized W Reset has not occurred bit 13 SBOREN: Software Enable/Disable of BOR bit 1 = BOR is turned on in software 0 = BOR is turned off in software bit 12 LVREN: Low-Voltage Sleep Mode(3) 1 = Regulated voltage supply provided solely by the Low-Voltage Regulator (LVREG) during Sleep 0 = Regulated voltage supply provided by the main voltage regulator (HVREG) during Sleep(3) bit 11 Unimplemented: Read as ‘0’ bit 10 DPSLP: Deep Sleep Mode Flag bit 1 = Deep Sleep has occurred 0 = Deep Sleep has not occurred bit 9 CM: Configuration Word Mismatch Reset Flag bit 1 = A Configuration Word Mismatch Reset has occurred 0 = A Configuration Word Mismatch Reset has not occurred bit 8 PMSLP: Program Memory Power During Sleep bit 1 = Program memory bias voltage remains powered during Sleep 0 = Program memory bias voltage is powered down during Sleep and voltage regulator enters Standby mode bit 7 EXTR: External Reset (MCLR) Pin bit 1 = A Master Clear (pin) Reset has occurred 0 = A Master Clear (pin) Reset has not occurred bit 6 SWR: Software Reset (Instruction) Flag bit 1 = A RESET instruction has been executed 0 = A RESET instruction has not been executed bit 5 SWDTEN: Software Enable/Disable of WDT bit(2) 1 = WDT is enabled 0 = WDT is disabled Note 1: All of the Reset status bits may be set or cleared in software. Setting one of these bits in software does not cause a device Reset. 2: If the FWDTEN Configuration bit is ‘1’ (unprogrammed), the WDT is always enabled, regardless of the SWDTEN bit setting. 3: On PIC24FV32KA3xx parts only, not used on PIC24F32KA3XX. |
|
Lien URL |
| ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Lien vers la fiche technique | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |