| Moteur de recherche de fiches techniques de composants électroniques |
|
THS8083APZP Fiches technique(PDF) 37 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
THS8083APZP Fiches technique(HTML) 37 Page - Texas Instruments |
|
37 / 63 page ![]() 4−2 4.1.2 Read Format First write the subaddress, where data needs to be read out, to the THS8083A in the following format: S Slave address(w) A Subaddress A P Then: S Slave address(r) A DataN AM Data(N+1) AM …… NAM P S Start condition Slave address(r) 01000001 (0x41) if I2CA=0 / 01000011 (0x43) if I2CA=1 A Acknowledge, generated by the THS8083A. If transmission is successful, then A = 0, else A = 1. AM Acknowledge, generated by a master NAM Not acknowledge, generated by a master Subaddress Subaddress of the first register to read, length = one byte Data0 First byte of the data read Data(N−1) Nth byte of the data read P Stop condition In both write and read operations, the subaddress is incremented automatically when multiple bytes are written/read. So, only the first subaddress needs to be supplied to the THS8083A. R/W registers can be written and read. R registers are read-only. |