| Moteur de recherche de fiches techniques de composants électroniques |
|
L7805 Fiches technique(PDF) 40 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L7805 Fiches technique(HTML) 40 Page - STMicroelectronics |
|
40 / 57 page ![]() Package mechanical data L78xx, L78xxC, L78xxAB, L78xxAC 40/57 Doc ID 2143 Rev 30 Note: 1 Maximum resin gate protrusion: 0.5 mm. 2 Resin gate position is accepted in each of the two positions shown on the drawing, or their symmetrical. Figure 38. Drawing dimension TO-220 (type STD-ST Dual Gauge) 0015988_S |