Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L7805 Fiches technique(PDF) 55 Page - STMicroelectronics

No de pièce L7805
Description  Positive voltage regulator ICs
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7805 Fiches technique(HTML) 55 Page - STMicroelectronics

Back Button L7805 Datasheet HTML 49Page - STMicroelectronics L7805 Datasheet HTML 50Page - STMicroelectronics L7805 Datasheet HTML 51Page - STMicroelectronics L7805 Datasheet HTML 52Page - STMicroelectronics L7805 Datasheet HTML 53Page - STMicroelectronics L7805 Datasheet HTML 54Page - STMicroelectronics L7805 Datasheet HTML 55Page - STMicroelectronics L7805 Datasheet HTML 56Page - STMicroelectronics L7805 Datasheet HTML 57Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 55 / 57 page
background image
L78xx, L78xxC, L78xxAB, L78xxAC
Order codes
Doc ID 2143 Rev 30
55/57
L7815C
L7815CV
L7815CD2T-TR
L7815CP
L7815CT
15 V
L7815CV-DG (1)
15 V
L7815AB
L7815ABV
L7815ABD2T-TR
15 V
L7815ABV-DG (1)
15 V
L7815AC
L7815ACV
L7815ACD2T-TR
15 V
L7815ACV-DG (1)
15 V
L7818C
L7818CV
L7818CD2T-TR (2)
L7818CT
18 V
L7818CV-DG (1)
18 V
L7824C
L7824CV
L7824CD2T-TR
L7824CP
L7824CT
24 V
L7824CV-DG (1)
24 V
L7824AB
L7824ABV
24 V
L7824ABV-DG (1)
24 V
L7824AC
L7824ACV
24 V
L7824ACV-DG (1)
24 V
1.
TO-220 Dual Gauge frame.
2.
Available on request.
Table 31.
Order codes
Part
numbers
Order codes
TO-220
DPAK
D²PAK
TO-220FP
TO-3
Output
voltages



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57