Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM188ES-33VC/W Fiches technique(PDF) 73 Page - Advanced Micro Devices

No de pièce AM188ES-33VC/W
Description  High Performance, 80C186-/80C188-Compatible and 80L186-/80L188-Compatible, 16-Bit Embedded Microcontrollers
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM188ES-33VC/W Fiches technique(HTML) 73 Page - Advanced Micro Devices

Back Button AM188ES-33VC/W Datasheet HTML 69Page - Advanced Micro Devices AM188ES-33VC/W Datasheet HTML 70Page - Advanced Micro Devices AM188ES-33VC/W Datasheet HTML 71Page - Advanced Micro Devices AM188ES-33VC/W Datasheet HTML 72Page - Advanced Micro Devices AM188ES-33VC/W Datasheet HTML 73Page - Advanced Micro Devices AM188ES-33VC/W Datasheet HTML 74Page - Advanced Micro Devices AM188ES-33VC/W Datasheet HTML 75Page - Advanced Micro Devices AM188ES-33VC/W Datasheet HTML 76Page - Advanced Micro Devices AM188ES-33VC/W Datasheet HTML 77Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 102 page
background image
Am186/188ES and Am186/188ESLV Microcontrollers
73
P R E L IMINAR Y
Write Cycle Waveforms
CLKOUTA
t1
t2
t3
t4
tW
S2–S0
Status
LCS, UCS
Address
Data
AD15–AD0*,
AD7–AD0**
WR
MCS3–MCS0,
PCS6–PCS5,
PCS3–PCS0
A19–A0
DEN
DT/R
S6/LOCK
S6
ALE
WHB*, WLB*
WB**
BHE*
3
4
5
7
8
9
10
11
12
13
14
16
17
18
19
67
68
65
35
31
20
30
34
32
31
33
UZI
S6
20
31
87
AO15–AO8**
Notes:
*
Am186ES microcontroller only
**
Am188ES microcontroller only
***
Changes in t phase preceding next bus cycle if followed by read, INTA, or halt.
LOCK
23
DS
21
20
Address
Address
6
BHE
41
20
98
22
22
***
***
99



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More