Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BAT54CP6FILM Fiches technique(PDF) 7 Page - STMicroelectronics

No de pièce BAT54CP6FILM
Description  Small signal Schottky diodes
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BAT54CP6FILM Fiches technique(HTML) 7 Page - STMicroelectronics

Back Button BAT54CP6FILM Datasheet HTML 3Page - STMicroelectronics BAT54CP6FILM Datasheet HTML 4Page - STMicroelectronics BAT54CP6FILM Datasheet HTML 5Page - STMicroelectronics BAT54CP6FILM Datasheet HTML 6Page - STMicroelectronics BAT54CP6FILM Datasheet HTML 7Page - STMicroelectronics BAT54CP6FILM Datasheet HTML 8Page - STMicroelectronics BAT54CP6FILM Datasheet HTML 9Page - STMicroelectronics BAT54CP6FILM Datasheet HTML 10Page - STMicroelectronics BAT54CP6FILM Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
BAT54
Package information
Doc ID 5505 Rev 10
7/13
Figure 14.
SOD-323 footprint (dimensions in mm)
Table 7.
SOD-323 dimensions
Ref.
Dimensions
Millimeters
Inches
Min.
Max.
Min.
Max.
A
1.17
0.046
A1
0
0.1
0
0.004
b
0.25
0.44
0.01
0.017
c
0.1
0.25
0.004
0.01
D
1.52
1.8
0.06
0.071
E
1.11
1.45
0.044
0.057
H
2.3
2.7
0.09
0.106
L
0.1
0.46
0.004
0.02
Q1
0.1
0.41
0.004
0.016
H
b
D
E
A1
A
L
Q1
c
3.20
0.54
1.08
1.06
1.06



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13