| Moteur de recherche de fiches techniques de composants électroniques |
|
BD139 Fiches technique(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
BD139 Fiches technique(HTML) 1 Page - STMicroelectronics |
|
1 / 9 page ![]() May 2008 Rev 5 1/9 9 BD135 - BD136 BD139 - BD140 Complementary low voltage transistor Features ■ Products are pre-selected in DC current gain Application ■ General purpose Description These epitaxial planar transistors are mounted in the SOT-32 plastic package. They are designed for audio amplifiers and drivers utilizing complementary or quasi-complementary circuits. The NPN types are the BD135 and BD139, and the complementary PNP types are the BD136 and BD140. Figure 1. Internal schematic diagram 3 2 1 SOT-32 NPN PNP Table 1. Device summary Order codes Marking Package Packaging BD135 BD135 SOT-32 Tube BD135-16 BD135-16 BD136 BD136 BD136-16 BD136-16 BD139 BD139 BD139-10 BD139-10 BD139-16 BD139-16 BD140 BD140 BD140-10 BD140-10 BD140-16 BD140-16 www.st.com |
Numéro de pièce similaire - BD139 |
|
Description similaire - BD139 |