Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BAT54-07P6FILM Fiches technique(PDF) 11 Page - STMicroelectronics

No de pièce BAT54-07P6FILM
Description  Small signal Schottky diodes
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BAT54-07P6FILM Fiches technique(HTML) 11 Page - STMicroelectronics

Back Button BAT54-07P6FILM Datasheet HTML 5Page - STMicroelectronics BAT54-07P6FILM Datasheet HTML 6Page - STMicroelectronics BAT54-07P6FILM Datasheet HTML 7Page - STMicroelectronics BAT54-07P6FILM Datasheet HTML 8Page - STMicroelectronics BAT54-07P6FILM Datasheet HTML 9Page - STMicroelectronics BAT54-07P6FILM Datasheet HTML 10Page - STMicroelectronics BAT54-07P6FILM Datasheet HTML 11Page - STMicroelectronics BAT54-07P6FILM Datasheet HTML 12Page - STMicroelectronics BAT54-07P6FILM Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
BAT54
Package information
Doc ID 5505 Rev 10
11/13
Figure 18.
SOT-666 footprint (dimensions in mm)
Table 11.
SOT-666 dimensions
Ref.
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
0.45
0.60
0.018
0.024
A3
0.08
0.18
0.003
0.007
b
0.17
0.34
0.007
0.013
b1
0.19
0.27
0.34
0.007 0.011 0.013
D
1.50
1.70
0.059
0.067
E
1.50
1.70
0.059
0.067
E1
1.10
1.30
0.043
0.051
e0.50
0.020
L1
0.19
0.007
L2
0.10
0.30
0.004
0.012
L3
0.10
0.004
D
b
L3
L1
e
b1
E1
L2
E
A
A3
0.50
2.60
0.62
0.30
0.99



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13