| Moteur de recherche de fiches techniques de composants électroniques |
|
2STW100 Fiches technique(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
2STW100 Fiches technique(HTML) 1 Page - STMicroelectronics |
|
1 / 7 page ![]() Preliminary data This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to change without notice. March 2010 Doc ID 17235 Rev 1 1/7 7 2STW100 2STW200 Complementary power Darlington transistors Features ■ Complementary NPN - PNP transistors ■ Monolithic Darlington configuration Applications ■ Audio power amplifier ■ DC-AC converter ■ Low voltage DC motor drive ■ General purpose switching applications Description The devices are manufactured in planar technology with “base island” layout and monolithic Darlington configuration. Figure 1. Internal schematic diagrams TO-247 1 2 3 Table 1. Device summary Order code Marking Package Packaging 2STW100 2STW100 TO-247 Tube 2STW200 2STW200 www.st.com |
Numéro de pièce similaire - 2STW100 |
|
Description similaire - 2STW100 |