Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

W25Q80BVCIP Fiches technique(PDF) 2 Page - Winbond

No de pièce W25Q80BVCIP
Description  3V 128M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  WINBOND [Winbond]
Site Internet  http://www.winbond.com
Logo WINBOND - Winbond

W25Q80BVCIP Fiches technique(HTML) 2 Page - Winbond

  W25Q80BVCIP Datasheet HTML 1Page - Winbond W25Q80BVCIP Datasheet HTML 2Page - Winbond W25Q80BVCIP Datasheet HTML 3Page - Winbond W25Q80BVCIP Datasheet HTML 4Page - Winbond W25Q80BVCIP Datasheet HTML 5Page - Winbond W25Q80BVCIP Datasheet HTML 6Page - Winbond W25Q80BVCIP Datasheet HTML 7Page - Winbond W25Q80BVCIP Datasheet HTML 8Page - Winbond W25Q80BVCIP Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 74 page
background image
W25Q128BV
- 2 -
Table of Contents
1.
GENERAL DESCRIPTION ............................................................................................................... 5
2.
FEATURES....................................................................................................................................... 5
3.
PACKAGE TYPES AND PIN CONFIGURATIONS .......................................................................... 6
3.1
Pad Configuration WSON 8x6-mm ...................................................................................... 6
3.2
Pad Description WSON 8x6-mm.......................................................................................... 6
3.3
Pin Configuration SOIC 300-mil ........................................................................................... 7
3.4
Pin Description SOIC 300-mil............................................................................................... 7
3.5
Ball Configuration TFBGA 8x6-mm (5x5 or 6x4 Ball Array) ................................................. 8
3.6
Ball Description TFBGA 8x6-mm ......................................................................................... 8
4.
PIN DESCRIPTIONS........................................................................................................................ 9
4.1
Chip Select (/CS).................................................................................................................. 9
4.2
Serial Data Input, Output and IOs (DI, DO and IO0, IO1, IO2, IO3) .................................... 9
4.3
Write Protect (/WP)............................................................................................................... 9
4.4
HOLD (/HOLD) ..................................................................................................................... 9
4.5
Serial Clock (CLK) ................................................................................................................ 9
5.
BLOCK DIAGRAM .......................................................................................................................... 10
6.
FUNCTIONAL DESCRIPTIONS..................................................................................................... 11
6.1
SPI OPERATIONS ............................................................................................................. 11
6.1.1
Standard SPI Instructions.....................................................................................................11
6.1.2
Dual SPI Instructions ............................................................................................................11
6.1.3
Quad SPI Instructions ..........................................................................................................11
6.1.4
Hold Function .......................................................................................................................11
6.2
WRITE PROTECTION ....................................................................................................... 12
6.2.1
Write Protect Features .........................................................................................................12
7.
STATUS REGISTERS AND INSTRUCTIONS ............................................................................... 13
7.1
STATUS REGISTERS........................................................................................................ 13
7.1.1
BUSY Status (BUSY) ...........................................................................................................13
7.1.2
Write Enable Latch Status (WEL).........................................................................................13
7.1.3
Block Protect Bits (BP2, BP1, BP0)......................................................................................13
7.1.4
Top/Bottom Block Protect Bit (TB)........................................................................................13
7.1.5
Sector/Block Protect Bit (SEC) .............................................................................................13
7.1.6
Complement Protect Bit (CMP) ............................................................................................14
7.1.7
Status Register Protect Bits (SRP1, SRP0)..........................................................................14
7.1.8
Erase/Program Suspend Status (SUS) ................................................................................14
7.1.9
Security Register Lock Bits (LB3, LB2, LB1) ........................................................................14
7.1.10
Quad Enable Bit (QE).........................................................................................................15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74