Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AME40AEAS Fiches technique(PDF) 6 Page - Analog Microelectronics

No de pièce AME40AEAS
Description  Micropower Voltage Reference Diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AME [Analog Microelectronics]
Site Internet  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME40AEAS Fiches technique(HTML) 6 Page - Analog Microelectronics

  AME40AEAS Datasheet HTML 1Page - Analog Microelectronics AME40AEAS Datasheet HTML 2Page - Analog Microelectronics AME40AEAS Datasheet HTML 3Page - Analog Microelectronics AME40AEAS Datasheet HTML 4Page - Analog Microelectronics AME40AEAS Datasheet HTML 5Page - Analog Microelectronics AME40AEAS Datasheet HTML 6Page - Analog Microelectronics AME40AEAS Datasheet HTML 7Page - Analog Microelectronics AME40AEAS Datasheet HTML 8Page - Analog Microelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Analog Microelectronics, Inc.
6
Micropower Voltage Reference Diode
AME40
n
n
n
n
n Package Dimension
SOT-23
SO-8
θ
MIN
MAX
MIN
MAX
A
1.00
1.40
0.0394
0.0551
A1
0.00
0.15
0.0000
0.0059
b
0.35
0.50
0.0138
0.0197
C
0.09
0.25
0.0035
0.0098
D
2.70
3.10
0.1063
0.1220
E
1.40
1.80
0.0551
0.0709
e
H
2.60
3.00
0.1024
0.1181
L
0.35
0.55
0.0138
0.0197
θ1
θ1
θ1
θ1
0
o
9
o
0
o
9
o
R
SYMBOLS
MILLIMETERS
INCHES
1.90 BSC
0.0748 BSC
0.95(TYP)
0.0374(TYP)
MIN
MAX
MIN
MAX
A
1.35
1.75
0.053
0.069
A1
0.10
0.25
0.004
0.010
A2
B
0.33
0.51
0.013
0.020
C
0.19
0.25
0.007
0.010
D
4.80
5.00
0.189
0.1970
E
3.80
4.00
0.150
0.157
e
H
5.80
6.20
0.228
0.244
L
0.40
1.27
0.016
0.050
y
0.10
0.004
θθθθ
0
o
8
o
0
o
8
o
1.45 REF
0.057 REF
1.27 BSC
0.050 BSC
SYMBOLS
MILLIMETERS
INCHES



Html Pages

1 2 3 4 5 6 7 8