Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

5D331K Fiches technique(PDF) 63 Page - World Produts Inc.

No de pièce 5D331K
Description  Metal Oxide Varistors
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  WPI [World Produts Inc.]
Site Internet  http://www.worldproducts.com
Logo WPI - World Produts Inc.

5D331K Fiches technique(HTML) 63 Page - World Produts Inc.

Back Button 5D331K Datasheet HTML 57Page - World Produts Inc. 5D331K Datasheet HTML 58Page - World Produts Inc. 5D331K Datasheet HTML 59Page - World Produts Inc. 5D331K Datasheet HTML 60Page - World Produts Inc. 5D331K Datasheet HTML 61Page - World Produts Inc. 5D331K Datasheet HTML 62Page - World Produts Inc. 5D331K Datasheet HTML 63Page - World Produts Inc. 5D331K Datasheet HTML 64Page - World Produts Inc. 5D331K Datasheet HTML 65Page - World Produts Inc.  
Zoom Inzoom in Zoom Outzoom out
 63 / 65 page
background image
Metal Oxide VaristOrs
WORLD PRODUCTS INC. 19654 Eighth Street East, Sonoma, CA 95476 | Phone (707) 996-5201 | Fax (707) 996-3380 | www.worldproducts.com
Rev. 9.9
Metal Oxide Varistors | 61
WPI Reserves Copyright
Metal Oxide Varistors are transient voltage surge suppression products. Used in both AC and DC applications, these
devices clamp transient voltages and divert transient currents. Metal oxide Varistors are available in the widest range of
voltages and current handling sizes.
MOV In Traffic Light Protection
MOV in Bridge Rectifier Protection
MOV in Automotive Equipment Protection
120VAC
VZ20D201KBS
1.5KE220C
MOV In AC Line Protection
MOV In Control Circuit Protection
MOV In Microwave Oven
MOV for 3 Phase AC Line Protection
MOV in Triac Protection
Control
Circuit
Lamp
REGULATOR
Electronic
Circuit
All application notes/circuits are shown as examples only. It is the responsibility of the purchaser to insure that the application meets purchaser’s specifica-
tions. No representation or warranty, whether express or implied, is given and no liability is assumed by WPI with respect to the use of such examples.
Metal Oxide VaristOrs
Applications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65