Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM29DL400BT-80SCB Fiches technique(PDF) 38 Page - Advanced Micro Devices

No de pièce AM29DL400BT-80SCB
Description  4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29DL400BT-80SCB Fiches technique(HTML) 38 Page - Advanced Micro Devices

Back Button AM29DL400BT-80SCB Datasheet HTML 34Page - Advanced Micro Devices AM29DL400BT-80SCB Datasheet HTML 35Page - Advanced Micro Devices AM29DL400BT-80SCB Datasheet HTML 36Page - Advanced Micro Devices AM29DL400BT-80SCB Datasheet HTML 37Page - Advanced Micro Devices AM29DL400BT-80SCB Datasheet HTML 38Page - Advanced Micro Devices AM29DL400BT-80SCB Datasheet HTML 39Page - Advanced Micro Devices AM29DL400BT-80SCB Datasheet HTML 40Page - Advanced Micro Devices AM29DL400BT-80SCB Datasheet HTML 41Page - Advanced Micro Devices AM29DL400BT-80SCB Datasheet HTML 42Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 38 / 42 page
background image
38
Am29DL400B
P R E L I M I NARY
AC CHARACTERISTICS
tGHEL
tWS
OE#
CE#
WE#
RESET#
tDS
Data
tAH
Addresses
tDH
tCP
DQ7#
DOUT
tWC
tAS
tCPH
PA
Data# Polling
A0 for program
55 for erase
tRH
tWHWH1 or 2
RY/BY#
tWH
PD for program
30 for sector erase
10 for chip erase
555 for program
2AA for erase
PA for program
SA for sector erase
555 for chip erase
tBUSY
Notes:
1. Figure indicates last two bus cycles of a program or erase operation.
2. PA = program address, SA = sector address, PD = program data, DQ7# = complement of the data written to the device,
DOUT = data written to the device.
3. Waveforms are for the word mode.
21606C-29
Figure 25.
Alternate CE# Controlled Erase/Program Operation Timings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42