| Moteur de recherche de fiches techniques de composants électroniques |
|
AMMC004AWP Fiches technique(PDF) 27 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AMMC004AWP Fiches technique(HTML) 27 Page - Advanced Micro Devices |
|
27 / 39 page ![]() AmMC0XXA 27 PREL I M I N AR Y AC CHARACTERISTICS Write Operations (Erase/Program) Parameter Symbols Parameter Description Card Speed Unit JEDEC Standard -100 -150 tAVAV tWC Write Cycle Time Min 100 150 ns tWLWH tWP WE# pulse width Min 45 50 ns tELGL tELWL CE# setup time to WE# or OE# active Min 0 0 ns tAVGL tAVWL Address setup time to WE# or OE# active Min 0 0 ns tDVWH tDS Data setup time to WE# inactive Min 45 50 ns tWHDX Data hold time from WE# inactive Min 0 0 ns tWHAX Address hold time from WE# inactive Min 0 0 ns tWHEH CE# hold time from WE# inactive Min 0 0 ns tRP RESET# Pulse Width Min 500 500 ns tBUSY Program/Erase Valid to RY/BY# Delay Min 40 50 ns tWHWH1 Programming Operation Typ 8 8 µs Max 300 300 µs tWHWH2 Sector Erase Operation Typ 1 1 s Max 1.5 1.5 s |