Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AMC008DFLKA Fiches technique(PDF) 46 Page - Advanced Micro Devices

No de pièce AMC008DFLKA
Description  4, 8, 20, or 32 Megabyte 5.0 Volt-only Flash Memory PC Card
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMC008DFLKA Fiches technique(HTML) 46 Page - Advanced Micro Devices

Back Button AMC008DFLKA Datasheet HTML 38Page - Advanced Micro Devices AMC008DFLKA Datasheet HTML 39Page - Advanced Micro Devices AMC008DFLKA Datasheet HTML 40Page - Advanced Micro Devices AMC008DFLKA Datasheet HTML 41Page - Advanced Micro Devices AMC008DFLKA Datasheet HTML 42Page - Advanced Micro Devices AMC008DFLKA Datasheet HTML 43Page - Advanced Micro Devices AMC008DFLKA Datasheet HTML 44Page - Advanced Micro Devices AMC008DFLKA Datasheet HTML 45Page - Advanced Micro Devices AMC008DFLKA Datasheet HTML 46Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 46 / 46 page
background image
46
AmC0XXDFLKA
REVISION SUMMARY FOR AMC0XXDFLKA
Global
Added 32 MByte Card availability.
Deleted 200 ns speed option.
Block Diagram
Updated schematic to show correct number of flash de-
vices for 32 MByte card.
Pin Description
A24-A0 should all be driven.
Memory Card Operations
Simplified description of erase operations.
Table 1, Common Memory Bus Operations
Simplified bus operation table.
Table 2, Attribute Memory Bus Operations
Simplified attribute memory bus operation table.
Absolute Maximum Ratings & Operating Ranges
Increased operating & maximum temperature range to
+70
°C
DC Characteristics
Revised VIH to 0.7 VCC
AC Characteristics
Removed 200 ns timing characteristics
Table 9, AMD CIS for D-Series Cards
Corrected CIS values for card density



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46