| Moteur de recherche de fiches techniques de composants électroniques |
|
AMC002CFLKA Fiches technique(PDF) 11 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AMC002CFLKA Fiches technique(HTML) 11 Page - Advanced Micro Devices |
|
11 / 42 page ![]() 5/4/98 AmC0XXCFLKA 11 Table 5. Word Command Definitions (Note 7) Notes: 1. Address bit A16 = X = Don’t Care for all address commands except for Program Address (PA) and Sector Address (SA). 2. Bus operations are defined in Table 1. 3. RA = Address of the memory location to be read. PA = Address of the memory location to be programmed. Addresses are latched on the falling edge of the WE pulse. SA = Address of the sector to be erased. The combination of A17, A18, A19 will uniquely select any sector of a segment. To select the memory segment:1 and 2 Mbyte: Use CE1, CE2, A20 4 Mbyte: Use CE1, CE2, A20, A21 0 Mbyte: Use CE1, CE2, A20–A23. 4. RW = Data read from location RA during read operation. (Word Mode). PW = Data to be programmed at location PA. Data is latched on the rising edge of WE. (Word Mode). 5. Address for Memory Segment Pair 0 (S0 and S1) only. Address for the higher Memory Segment Pairs (S2, S3 = Pair 1, S4, S5 = Pair 2, S6, S7 = Pair 3…) is equal to (Addr) + M* (80000H) where M = Memory Segment Pair number. 6. Word = 2 bytes = odd byte and even byte. 7. CE1 = 0 and CE2 = 0. Table 6. Memory Sector Address Table for Memory Segment S0 FLASH MEMORY WRITE/ERASE OPERATIONS Details of AMD’s Embedded Write and Erase Operations Embedded Erase™ Algorithm The automatic memory sector or memory segment erase does not require the device to be entirely prepro- gramming prior to executing the Embedded Erase command. Upon executing the Embedded Erase com- mand sequence, the addressed memory sector or memory segment will automatically write and verify the entire memory segment or memory sector for an all “zero” data pattern. The system is not required to pro- vide any controls or timing during these operations. When the memory sector or memory segment is auto- matically verified to contain an all “zero” pattern, a self-timed chip erase-and-verify begins. The erase and verify operations are complete when the data on D7 of the memory sector or memory segment is “1” (see “Write Operation Status” section) at which time the Embedded Command Sequence Bus Write Cycles Req’d First Bus Write Cycle Second Bus Write Cycle Third Bus Write Cycle Fourth Bus Read/Write Cycle Fifth Bus Write Cycle Sixth Bus Write Cycle Addr* Data Addr* Data Addr* Data Addr* Data Addr* Data Addr* Data Reset/Read 4 AAAAH AAAA 5554H 5555 AAAAH F0F0 RA RW Autoselect 4 AAAAH AAAA 5554H 5555 AAAAH 9090 00H/02H 0101/ A4A4 Byte Write 4 AAAAH AAAA 5554H 5555 AAAAH A0A0 PA PW Segment Erase 6 AAAAH AAAA 5554H 5555 AAAAH 8080 AAAAH AAAA 5554H 5555 AAAAH 1010 Sector Erase 6 AAAAH AAAA 5554H 5555 AAAAH 8080 AAAAH AAAA 5554H 5555 SA 3030 Sector Erase Suspend Erase can be suspended during sector erase with Addr (don’t care), Data (B0H) Sector Erase Resume Erase can be resumed after suspend with Addr (don’t care), Data (30H) Sector A19 A18 A17 Address Range 0 0 0 0 00000h-0FFFFh 1 0 0 1 10000h-1FFFFh 2 0 1 0 20000h-2FFFFh 3 0 1 1 30000h-3FFFFh 4 1 0 0 40000h-4FFFFh 5 1 0 1 50000h-5FFFFh 6 1 1 0 60000h-6FFFFh 7 1 1 1 70000h-7FFFFh Note: A0 is not mapped internally. |