Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AMC001CFLKA Fiches technique(PDF) 18 Page - Advanced Micro Devices

No de pièce AMC001CFLKA
Description  1, 2, 4, or 10 Megabyte 5.0 V-only Flash Memory PC Card
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMC001CFLKA Fiches technique(HTML) 18 Page - Advanced Micro Devices

Back Button AMC001CFLKA Datasheet HTML 14Page - Advanced Micro Devices AMC001CFLKA Datasheet HTML 15Page - Advanced Micro Devices AMC001CFLKA Datasheet HTML 16Page - Advanced Micro Devices AMC001CFLKA Datasheet HTML 17Page - Advanced Micro Devices AMC001CFLKA Datasheet HTML 18Page - Advanced Micro Devices AMC001CFLKA Datasheet HTML 19Page - Advanced Micro Devices AMC001CFLKA Datasheet HTML 20Page - Advanced Micro Devices AMC001CFLKA Datasheet HTML 21Page - Advanced Micro Devices AMC001CFLKA Datasheet HTML 22Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 42 page
background image
18
AmC0XXCFLKA
5/4/98
18723C-6
* D7 = Valid Data (The device has completed the Embedded operation.)
Figure 5.
AC Waveforms for Data Polling During Embedded Algorithm Operations
D0–D6
Valid Data
tOE
D7 =
Valid Data
High-Z
CE
OE
WE
D7
D7
D0–D6
D0–D6 = Invalid
*
tOEH
tCE
tCH
tDF
tOH
tWHWH 3 or 4
18723C-7
* D6 stops toggling (The device has completed the Embedded operation.)
Figure 6.
AC Waveforms for Toggle Bit During Embedded Algorithm Operations
CE
tOEH
WE
OE
D6 =
Stop Toggling
D0–D7
Valid
D6 = Toggle
D6 = Toggle
Data
(D0–D7)
*
tOE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42