| Moteur de recherche de fiches techniques de composants électroniques |
|
W25Q40BLSVIP Fiches technique(PDF) 73 Page - Winbond |
|
|
|||||||||||||||||||||||||||||
W25Q40BLSVIP Fiches technique(HTML) 73 Page - Winbond |
|
73 / 74 page ![]() W25Q40BL Publication Release Date: May 04, 2012 - 73 - Revision D 10.1 Valid Part Numbers and Top Side Marking The following table provides the valid part numbers for the W25Q40BL SpiFlash Memory. Please contact Winbond for specific availability by density and package type. Winbond SpiFlash memories use an 12-digit Product Number for ordering. However, due to limited space, the Top Side Marking on all packages use an abbreviated 10-digit number. PACKAGE TYPE DENSITY PRODUCT NUMBER TOP SIDE MARKING SN SOIC-8 150mil 4M-bit W25Q40BLSNIG W25Q40BLSNIP 25Q40BLNIG 25Q40BLNIP SV VSOP-8 150mil 4M-bit W25Q40BLSVIG W25Q40BLSVIP 25Q40BLVIG 25Q40BLVIP SS SOIC-8 208mil 4M-bit W25Q40BLSSIG W25Q40BLSSIP 25Q40BLSIG 25Q40BLSIP ZP (1) WSON-8 6x5mm 4M-bit W25Q40BLZPIG W25Q40BLZPIP 25Q40BLIG 25Q40BLIP DA PDIP-8 300mil 4M-bit W25Q40BLDAIG W25Q40BLDAIP 25Q40BLAIG 25Q40BLAIP UX (2) USON-8 2x3mm 4M-bit W25Q40BLUXIG W25Q40BLUXIP 4Cxxx 0Gxxxx 4Cxxx 0Pxxxx Note: 1. WSON package type ZP is not used in the top side marking. 2. USON package type UX has special top marking due to size limitation. 4 = 4Mb; C = W25Q series, 2.5V; 0 = Standard Part; G = Green; P = OTP enabled. |