Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

W25Q32BVZPIP Fiches technique(PDF) 2 Page - Winbond

No de pièce W25Q32BVZPIP
Description  3V 32M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  WINBOND [Winbond]
Site Internet  http://www.winbond.com
Logo WINBOND - Winbond

W25Q32BVZPIP Fiches technique(HTML) 2 Page - Winbond

  W25Q32BVZPIP Datasheet HTML 1Page - Winbond W25Q32BVZPIP Datasheet HTML 2Page - Winbond W25Q32BVZPIP Datasheet HTML 3Page - Winbond W25Q32BVZPIP Datasheet HTML 4Page - Winbond W25Q32BVZPIP Datasheet HTML 5Page - Winbond W25Q32BVZPIP Datasheet HTML 6Page - Winbond W25Q32BVZPIP Datasheet HTML 7Page - Winbond W25Q32BVZPIP Datasheet HTML 8Page - Winbond W25Q32BVZPIP Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 78 page
background image
W25Q32BV
- 2 -
Table of Contents
1.
GENERAL DESCRIPTION ............................................................................................................... 5
2.
FEATURES....................................................................................................................................... 5
3.
PACKAGE TYPES AND PIN CONFIGURATIONS .......................................................................... 6
3.1
Pin Configuration SOIC / VSOP 208-mil .............................................................................. 6
3.2
Pad Configuration WSON 6x5-mm / 8X6-mm...................................................................... 6
3.3
Pin Configuration PDIP 300-mil............................................................................................ 7
3.4
Pin Description SOIC/VSOP 208-mil, WSON 6x5/8x6-mm and PDIP 300-mil.................... 7
3.5
Pin Configuration SOIC 300-mil ........................................................................................... 8
3.6
Pin Description SOIC 300-mil............................................................................................... 8
3.7
Ball Configuration TFBGA 8x6-mm ...................................................................................... 9
3.8
Ball Description TFBGA 8x6-mm ......................................................................................... 9
4.
PIN DESCRIPTIONS...................................................................................................................... 10
4.1
Chip Select (/CS)................................................................................................................ 10
4.2
Serial Data Input, Output and IOs (DI, DO and IO0, IO1, IO2, IO3) .................................. 10
4.3
Write Protect (/WP)............................................................................................................. 10
4.4
HOLD (/HOLD) ................................................................................................................... 10
4.5
Serial Clock (CLK) .............................................................................................................. 10
5.
BLOCK DIAGRAM .......................................................................................................................... 11
6.
FUNCTIONAL DESCRIPTIONS..................................................................................................... 12
6.1
SPI OPERATIONS ............................................................................................................. 12
6.1.1
Standard SPI Instructions.....................................................................................................12
6.1.2
Dual SPI Instructions ............................................................................................................12
6.1.3
Quad SPI Instructions ..........................................................................................................12
6.1.4
Hold Function .......................................................................................................................12
6.2
WRITE PROTECTION ....................................................................................................... 13
6.2.1
Write Protect Features .........................................................................................................13
7.
STATUS REGISTERS AND INSTRUCTIONS ............................................................................... 14
7.1
STATUS REGISTERS........................................................................................................ 14
7.1.1
BUSY Status (BUSY) ...........................................................................................................14
7.1.2
Write Enable Latch Status (WEL).........................................................................................14
7.1.3
Block Protect Bits (BP2, BP1, BP0)......................................................................................14
7.1.4
Top/Bottom Block Protect Bit (TB)........................................................................................14
7.1.5
Sector/Block Protect Bit (SEC) .............................................................................................14
7.1.6
Complement Protect Bit (CMP) ............................................................................................15
7.1.7
Status Register Protect Bits (SRP1, SRP0)..........................................................................15
7.1.8
Erase/Program Suspend Status (SUS) ................................................................................15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78