| Moteur de recherche de fiches techniques de composants électroniques |
|
AM79C985KCW Fiches technique(PDF) 38 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM79C985KCW Fiches technique(HTML) 38 Page - Advanced Micro Devices |
|
38 / 48 page ![]() 38 Am79C985 PRELIMINARY SWITCHING CHARACTERISTICS (continued) Notes: 1. Parameter not tested. 2. DI pulses narrower than tPWODI (min) will be rejected; pulses wider than tPWODI (max) will turn internal DI carrier sense on. 3. DI pulses narrower than tPWKDI (min) will maintain internal DI carrier on; pulses wider than tPWKDI (max) will turn internal DI carrier sense off. 4. CI pulses narrower than tPWOCI (min) will be rejected; pulses wider than tPWOCI (max) will turn internal CI carrier sense on. 5. CI pulses narrower than tPWKCI (min) will maintain internal CI carrier on; pulses wider than tPWKCI (max) will turn internal CI carrier sense off. 6. RXD pulses narrower than tPWKRD (min) will maintain internal RXD carrier sense on; a pulse wider than tPWKRD (max) will turn RXD carrier sense off. Parameter Symbol Parameter Description Test Conditions Min Max Unit Twisted Pair Port Timing tTXTD CLK Rising Edge to TXD ± Transition Delay – 50 ns tTETD Transmit End of Transmission 250 375 ns tPWKRD RXD Pulse Width Maintain/Turn-off Threshold |VIN|>|VTHS| (Note 6) 136 200 ns tPERLP Idle Signal Period 8 24 ms tPWLP Idle Link Test Pulse Width 75 120 ns Management Port Timing tSCLK SCLK Clock Period 100 – ns tSCLKH SCLK Clock HIGH 30 – ns tSCLKL SCLK Clock LOW 30 – ns tSCLKR SCLK Clock Rise Time – 10 ns tSCLKF SCLK Clock Fall Time – 10 ns tSISET SI Input Setup Time to SCLK Rising Edge 10 – ns tSIHLD SI Input Hold Time from SCLK Rising Edge 10 – ns tSODLY SO Output Delay from SCLK Rising Edge CL = 100 pF – 40 ns tCLKHCRS CLK Rising Edge to CRS valid CL = 100 pF 5 40 ns tSTRSET STR Setup Time 5 – ns tSTRHLD STR Hold Time 9 – ns |