| Moteur de recherche de fiches techniques de composants électroniques |
|
AM29DL800BB90ECB Fiches technique(PDF) 43 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM29DL800BB90ECB Fiches technique(HTML) 43 Page - Advanced Micro Devices |
|
43 / 43 page ![]() Am29DL800B 43 P R E L I M I NARY REVISION SUMMARY FOR AM29DL800B Revision A+1 Reset Command Deleted last paragraph in section, which applied to RE- SET#, not the reset command. Revision A+2 Hardware Reset (RESET#) Added note to table, fixed references to note. Revision A+3 Global Removed references to the 80 ns speed option. Changed the 70R ns (VCC ± 5%) speed option to the 70 ns (VCC ± 10%) speed option. Figure 2, In-System Sector Protect/Unprotect Algorithms In the sector protect algorithm, added a “Reset PLSCNT=1” box in the path from “Protect another sec- tor?” back to setting up the next sector address. DQ6: Toggle Bit I In the first and second paragraphs, clarified that the toggle bit may be read “at any address within the pro- gramming or erasing bank,” not “at any address.” In the fourth paragraph, clarified “device” to “bank.” DC Characteristics Added reference to Note 4 on ICC6 and ICC7 specifica- tions. AC Characteristics Erase/Program Operations; Alternate CE# Controlled Erase/Program Operations: Corrected the notes refer- ence for tWHWH1 and tWHWH2. These parameters are 100% tested. Corrected the note reference for tVCS. This parameter is not 100% tested. Temporary Sector Unprotect Table Added note reference for tVIDR. This parameter is not 100% tested. Figure 24, Sector Protect/Unprotect Timing Diagram A valid address is not required for the first write cycle; only the data 60h. Erase and Programming Performance In Note 2, the worst case endurance is now 1 million cy- cles. Trademarks Copyright © 1998 Advanced Micro Devices, Inc. All rights reserved. AMD, the AMD logo, and combinations thereof are registered trademarks of Advanced Micro Devices, Inc. ExpressFlash is a trademark of Advanced Micro Devices, Inc. Product names used in this publication are for identification purposes only and may be trademarks of their respective companies. |