Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM79C985 Fiches technique(PDF) 34 Page - Advanced Micro Devices

No de pièce AM79C985
Description  enhanced Integrated Multiport Repeater Plus (eIMR??
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C985 Fiches technique(HTML) 34 Page - Advanced Micro Devices

Back Button AM79C985 Datasheet HTML 30Page - Advanced Micro Devices AM79C985 Datasheet HTML 31Page - Advanced Micro Devices AM79C985 Datasheet HTML 32Page - Advanced Micro Devices AM79C985 Datasheet HTML 33Page - Advanced Micro Devices AM79C985 Datasheet HTML 34Page - Advanced Micro Devices AM79C985 Datasheet HTML 35Page - Advanced Micro Devices AM79C985 Datasheet HTML 36Page - Advanced Micro Devices AM79C985 Datasheet HTML 37Page - Advanced Micro Devices AM79C985 Datasheet HTML 38Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 48 page
background image
34
Am79C985
PRELIMINARY
Visual Status Display
LDA/B[4:0] and LDGA/B provide visual status indicators
for the eIMR+. LDA/B[4:0] displays Link, Carrier Sense,
Collision, and Partition information for the TP and AUI
ports. LDGA/B display global Carrier Sense, Collision,
and Jabber information.
In a multiple eIMR+ configuration, the global LED driv-
ers (LDGA/B) from each chip can be tied together to
drive a single pair of global status LEDs. The open drain
output of these drivers facilitate this configuration. Refer
to Figure 15.
Figure 15.
Visual Status Display Connection
LDA[4:0]
LDB[4:0]
LDGA
LDGB
LDA[4:0]
LDB[4:0]
LDGA
LDGB
eIMR+
eIMR+
VDD
20651B-20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48