| Moteur de recherche de fiches techniques de composants électroniques |
|
AM79C982 Fiches technique(PDF) 6 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM79C982 Fiches technique(HTML) 6 Page - Advanced Micro Devices |
|
6 / 26 page ![]() 1–8 Am79C982 PRELIMINARY ORDERING INFORMATION Standard Products AMD standard products are available in several packages and operating ranges. The order number (valid combination) is formed by a combination of the elements below. Valid Combinations Valid combinations list configurations planned to be sup- ported in volume for this device. Consult the local AMD sales office to confirm availability of specific valid combinations and to check on newly released combinations. Am79C982 J C DEVICE NUMBER/DESCRIPTION Am79C982 basic Integrated Multiport Repeater (bIMR) OPTIONAL PROCESSING Blank = Standard Processing TEMPERATURE RANGE C = Commercial (0 °C to +70°C) PACKAGE TYPE J = 84-Pin Plastic Leaded Chip Carrier (PL 084) SPEED OPTION –8 = bIMR 8 10BASE-T ports –4 = bIMR 4 10BASE-T ports Valid Combinations Am79C982-4 JC Am79C982-8 JC |