Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM79C971VCW Fiches technique(PDF) 11 Page - Advanced Micro Devices

No de pièce AM79C971VCW
Description  PCnet??FAST Single-Chip Full-Duplex 10/100 Mbps Ethernet Controller for PCI Local Bus
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C971VCW Fiches technique(HTML) 11 Page - Advanced Micro Devices

Back Button AM79C971VCW Datasheet HTML 7Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 8Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 9Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 10Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 11Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 12Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 13Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 14Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 15Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 265 page
background image
Am79C971
11
CONNECTION DIAGRAM (PQR160)
Pin 1 is marked for orientation.
2055A-2
120
119
118
117
116
115
114
113
112
111
110
109
108
107
106
105
104
103
102
101
100
99
98
97
96
95
94
93
91
90
89
88
87
86
85
84
83
82
81
92
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
30
31
32
33
34
35
36
37
38
39
40
29
SLEEP/EAR
EBD0
EBD1
EBD2
EBD3
VSSB
XTAL2
TXD+
RXD+
RXD-
XTAL1
VSS_PLL
VSS
AVDDB
TXD-
MDIO
MDC
RXD3
RXD2
RXD1
RXD0/RXFRTGD
RX_DV/RXFRTGE
RX_CLK/RXCLK
RX_ER/RXDAT
TX_ER
TX_CLK/TXCLK
TX_EN/TXEN
TXD0/TXDAT
TXD1
TXD2
TXD3
COL/CLSN
CRS/RXEN
VDDB
VSSB
VDDB
TXP+
TXP-
EBD4
AVDDB
AD14
AD13
AD12
AD11
AD10
VDD
AD9
AD8
VSS
C/BE0
AD7
AD6
VSSB
IDSEL
VDD
AD23
AD22
VSS
AD21
AD20
VDD_PCI
AD19
AD18
VSSB
AD17
AD16
C/BE2
FRAME
IRDY
DEVSEL
STOP
VSSB
PERR
SERR
VDD_PCI
PAR
C/BE1
AD15
VSSB
TRDY
PCnet™-
FAST
Am79C971
Am79C971 KC/W
20550D-2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More