Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM79C971VCW Fiches technique(PDF) 229 Page - Advanced Micro Devices

No de pièce AM79C971VCW
Description  PCnet??FAST Single-Chip Full-Duplex 10/100 Mbps Ethernet Controller for PCI Local Bus
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C971VCW Fiches technique(HTML) 229 Page - Advanced Micro Devices

Back Button AM79C971VCW Datasheet HTML 225Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 226Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 227Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 228Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 229Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 230Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 231Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 232Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 233Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 229 / 265 page
background image
Am79C971
229
PHYSICAL DIMENSIONS*
PQR160
Plastic Quad Flat Pack (measured in millimeters)
*For reference only. BSC is an ANSI standard for Basic Space Centering.
25.35
REF
27.90
28.10
31.00
31.40
Pin 120
Pin 80
0.65 BASIC
3.20
3.60
0.25
Min
Pin 40
Pin 1 I.D.
25.35
REF
Pin 160
27.90
28.10
31.00
31.40
3.95
MAX
SEATING PLANE
16-038-PQR-1
PQR160
12-22-95 lv



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More