Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM79C971VCW Fiches technique(PDF) 214 Page - Advanced Micro Devices

No de pièce AM79C971VCW
Description  PCnet??FAST Single-Chip Full-Duplex 10/100 Mbps Ethernet Controller for PCI Local Bus
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C971VCW Fiches technique(HTML) 214 Page - Advanced Micro Devices

Back Button AM79C971VCW Datasheet HTML 210Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 211Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 212Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 213Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 214Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 215Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 216Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 217Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 218Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 214 / 265 page
background image
214
Am79C971
SWITCHING WAVEFORMS: SYSTEM BUS INTERFACE (CONTINUED)
Figure 65.
Output Valid Delay Timing
Figure 66.
Output Tri-state Delay Timing
Figure 67.
EEPROM Read Functional Timing
CLK
tVAL(REQ)
Tx
Tx
Tx
MIN
MAX
Valid n
Valid n+1
REQ
MIN
MAX
Valid n
Valid n+1
tVAL
AD[31:00] C/BE[3:0],
PAR, FRAME, IRDY,
TRDY, STOP, DEVSEL,
PERR, SERR
20550D-68
CLK
Tx
Tx
Tx
AD[31:00], C/BE[3:0],
PAR, FRAME, IRDY,
TRDY, STOP,
DEVSEL, PERR
AD[31:00], C/BE[3:0],
PAR, FRAME, IRDY,
TRDY, STOP,
DEVSEL, PERR
Valid n
tOFF
tON
Valid n
20550D-69
EECS
EESK
EEDI
EEDO
01
1
0
A5
A4
A3
A2
A1
A0
D15 D14 D13
D2
D1
D0
20550D-70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More