Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM79C971VCW Fiches technique(PDF) 192 Page - Advanced Micro Devices

No de pièce AM79C971VCW
Description  PCnet??FAST Single-Chip Full-Duplex 10/100 Mbps Ethernet Controller for PCI Local Bus
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C971VCW Fiches technique(HTML) 192 Page - Advanced Micro Devices

Back Button AM79C971VCW Datasheet HTML 188Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 189Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 190Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 191Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 192Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 193Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 194Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 195Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 196Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 192 / 265 page
background image
192
Am79C971
CONTROL AND STATUS REGISTERS (CONTINUED)
RAP
Addr
Symbol
Default Value
After H_RESET
Comments
Use
34
CSR34
uuuu uuuu
CXDAL: Current XMT Descriptor Address Lower
T
35
CSR35
uuuu uuuu
CXDAU: Current XMT Descriptor Address Upper
T
36
CSR36
uuuu uuuu
NNRDAL: Next Next Receive Descriptor Address Lower
T
37
CSR37
uuuu uuuu
NNRDAU: Next Next Receive Descriptor Address Upper
T
38
CSR38
uuuu uuuu
NNXDAL: Next Next Transmit Descriptor Address Lower
T
39
CSR39
uuuu uuuu
NNXDAU: Next Next Transmit Descriptor Address Upper
T
40
CSR40
uuuu uuuu
CRBC: Current Receive Byte Count
T
41
CSR41
uuuu uuuu
CRST: Current Receive Status
T
42
CSR42
uuuu uuuu
CXBC: Current Transmit Byte
T
43
CSR43
uuuu uuuu
CXST: Current Transmit Status
T
44
CSR44
uuuu uuuu
NRBC: Next RCV Byte Count
T
45
CSR45
uuuu uuuu
NRST: Next RCV Status
T
46
CSR46
uuuu uuuu
TXDPOLL: Transmit Poll Time Counter
T
47
CSR47
uuuu uuuu
TXPI: Transmit Polling Interval
S
48
CSR48
uuuu uuuu
RXPOLL: Receive Poll Time Counter
49
CSR49
uuuu uuuu
RXPI: Receive Polling Interval
50
CSR50
uuuu uuuu
Reserved
51
CSR51
uuuu uuuu
Reserved
52
CSR52
uuuu uuuu
Reserved
53
CSR53
uuuu uuuu
Reserved
54
CSR54
uuuu uuuu
Reserved
55
CSR55
uuuu uuuu
Reserved
56
CSR56
uuuu uuuu
Reserved
57
CSR57
uuuu uuuu
Reserved
58
CSR58
see register
description
SWS: Software Style
S
59
CSR59
uuuu uuuu
Reserved
T
60
CSR60
uuuu uuuu
PXDAL: Previous XMT Descriptor Address Lower
T
61
CSR61
uuuu uuuu
PXDAU: Previous XMT Descriptor Address Upper
T
62
CSR62
uuuu uuuu
PXBC: Previous Transmit Byte Count
T
63
CSR63
uuuu uuuu
PXST: Previous Transmit Status
T
64
CSR64
uuuu uuuu
NXBAL: Next XMT Buffer Address Lower
T
65
CSR65
uuuu uuuu
NXBAU: Next XMT Buffer Address Upper
T
66
CSR66
uuuu uuuu
NXBC: Next Transmit Byte Count
T
67
CSR67
uuuu uuuu
NXST: Next Transmit Status
T
68
CSR68
uuuu uuuu
Reserved
69
CSR69
uuuu uuuu
Reserved
70
CSR70
uuuu uuuu
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More