Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM79C32AVC Fiches technique(PDF) 22 Page - Advanced Micro Devices

No de pièce AM79C32AVC
Description  Digital Subscriber Controller??(DSC?? Circuit
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C32AVC Fiches technique(HTML) 22 Page - Advanced Micro Devices

Back Button AM79C32AVC Datasheet HTML 18Page - Advanced Micro Devices AM79C32AVC Datasheet HTML 19Page - Advanced Micro Devices AM79C32AVC Datasheet HTML 20Page - Advanced Micro Devices AM79C32AVC Datasheet HTML 21Page - Advanced Micro Devices AM79C32AVC Datasheet HTML 22Page - Advanced Micro Devices AM79C32AVC Datasheet HTML 23Page - Advanced Micro Devices AM79C32AVC Datasheet HTML 24Page - Advanced Micro Devices AM79C32AVC Datasheet HTML 25Page - Advanced Micro Devices AM79C32AVC Datasheet HTML 26Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 101 page
background image
22
Am79C30A/32A Data Sheet
Therefore, in this example, MCR1 provides a data link
from the S Interface and MCR2 sets up a voice connec-
tion across the S Interface.
To loopback a channel, the same channel code is used
for port 1 and port 2. For example, to loopback B1, B2,
and Ba, the MCRs would be:
MCR3 has higher priority than MCR2. MCR2 has
higher priority than MCR1.
If multiple connections are made to the same port, the
data from the connecting ports in the highest priority
MCR will overwrite the data from the connecting port in
the lower priority MCR, for example:
The final data transfers are:
B1 (LIU) receives Bb (MPI),
Ba (MAP) receives Bb (MPI),
Bb (MPI) receives Ba (MAP).
Therefore, the data transfer from B1 (LIU) to Bb (MPI)
is lost in the arrangement proposed in MCR2.
Port 1
Port 2
Register 7 6 5 4 3 2 1 0 Channel Connection
MCR1
0 0 0 1 0 0 0 1 B1 (LIU) Loopback
MCR2
0 0 1 0 0 0 1 0 B2 (LIU) Loopback
MCR3
0 0 1 1 0 0 1 1 Ba (MAP) Loopback
Peripheral Port
B-channel
MUX
Ba MAP
MPI
Bb
Bc
Bd
Be
Bf
B1
B2
LIU
09893H-3
Figure 2.
MUX Logical Channels
Port 1
Port 2
Register 7 6 5 4 3 2 1 0 Channel Connection
MCR1
0 0 0 0 0 0 0 0 No connect
MCR2
00 010 100 B1 (LIU)
Bb (MPI)
MCR3
0 1 0 0 0 0 1 1 Bb (MPI)
Ba (MAP)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More