Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM79C960 Fiches technique(PDF) 119 Page - Advanced Micro Devices

No de pièce AM79C960
Description  PCnetTM-ISA Single-Chip Ethernet Controller
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C960 Fiches technique(HTML) 119 Page - Advanced Micro Devices

Back Button AM79C960 Datasheet HTML 115Page - Advanced Micro Devices AM79C960 Datasheet HTML 116Page - Advanced Micro Devices AM79C960 Datasheet HTML 117Page - Advanced Micro Devices AM79C960 Datasheet HTML 118Page - Advanced Micro Devices AM79C960 Datasheet HTML 119Page - Advanced Micro Devices AM79C960 Datasheet HTML 120Page - Advanced Micro Devices AM79C960 Datasheet HTML 121Page - Advanced Micro Devices AM79C960 Datasheet HTML 122Page - Advanced Micro Devices AM79C960 Datasheet HTML 123Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 127 page
background image
P R E L I M I N A R Y
AMD
1-461
Am79C960
SWITCHING WAVEFORMS: AUI
16907B-53
Typical > 250 ns
tDOETD
XTAL1
ITXEN
(Note 1)
ITXDAT+
(Note 1)
DO+
DO–
DO
±
0
11
0
1
Bit (n–2)
Bit (n–1) Bit (n)
1
ISTDCLK
(Note 1)
Note:
1. Internal signal and is shown for clarification only.
Transmit Timing—End of Packet (Last Bit = 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More