Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM79C960 Fiches technique(PDF) 96 Page - Advanced Micro Devices

No de pièce AM79C960
Description  PCnetTM-ISA Single-Chip Ethernet Controller
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C960 Fiches technique(HTML) 96 Page - Advanced Micro Devices

Back Button AM79C960 Datasheet HTML 92Page - Advanced Micro Devices AM79C960 Datasheet HTML 93Page - Advanced Micro Devices AM79C960 Datasheet HTML 94Page - Advanced Micro Devices AM79C960 Datasheet HTML 95Page - Advanced Micro Devices AM79C960 Datasheet HTML 96Page - Advanced Micro Devices AM79C960 Datasheet HTML 97Page - Advanced Micro Devices AM79C960 Datasheet HTML 98Page - Advanced Micro Devices AM79C960 Datasheet HTML 99Page - Advanced Micro Devices AM79C960 Datasheet HTML 100Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 127 page
background image
P R E L I M I N A R Y
AMD
1-438
Am79C960
SWITCHING CHARACTERISTICS: SHARED MEMORY MODE (continued)
Parameter
Symbol
Parameter Description
Test Conditions
Min
Max
Unit
SRAM Read/Write, Boot PROM Read, Address PROM Read on Private Bus (continued)
tPR8
PRDB Setup to PRAB
Change, APROM Access
20
ns
tPR9
PRDB Hold After PRAB
Change, APROM Access
0
ns
tPR10
PRAB Change to PRAB
Change, BPROM Access
145
155
ns
tPR11
PRDB Setup to PRAB
Change, BPROM Access
20
ns
tPR12
PRDB Hold After PRAB
Change, BPROM Access
0
ns
tPR13
PRAB Change to PRAB
Change, SRAM Write
145
155
ns
tPR14
PRAB Change to
↓ SRWE
20
30
ns
tPR15
PRAB Change to
↑ SRWE
120
130
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More