Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM7992 Fiches technique(PDF) 3 Page - Advanced Micro Devices

No de pièce AM7992
Description  Serial Interface Adapter (SIA)
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM7992 Fiches technique(HTML) 3 Page - Advanced Micro Devices

  AM7992 Datasheet HTML 1Page - Advanced Micro Devices AM7992 Datasheet HTML 2Page - Advanced Micro Devices AM7992 Datasheet HTML 3Page - Advanced Micro Devices AM7992 Datasheet HTML 4Page - Advanced Micro Devices AM7992 Datasheet HTML 5Page - Advanced Micro Devices AM7992 Datasheet HTML 6Page - Advanced Micro Devices AM7992 Datasheet HTML 7Page - Advanced Micro Devices AM7992 Datasheet HTML 8Page - Advanced Micro Devices AM7992 Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
Am7992B
3
ORDERING INFORMATION
Standard Products
AMD standard products are available in several packages and operating ranges. The order number (valid combination) is formed
by a combination of the elements below.
Valid Combinations
Valid combinations list configurations planned to be sup-
ported in volume for this device. Consult the local AMD sales
office to confirm availability of specific valid combinations and
to check on newly released combinations.
AM7992B
D
C
DEVICE NUMBER/DESCRIPTION
Am7992B
Serial Interface Adapter
OPTIONAL PROCESSING
Blank = Standard Processing
B = Burn-In
OPERATING CONDITIONS
C = Commercial (0
°C to +70°C)
PACKAGE TYPE
D = 24-Pin (Slim) Ceramic DIP (CD3024)
J = 28-Pin PLCC (PL 028)
P = 24-Pin (Slim) Plastic DIP (PD3024)
SPEED
Not Applicable
B
Valid Combinations
AM7992B
DC, DCB, JC,
JCTR, PC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27