Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM79C32A Fiches technique(PDF) 76 Page - Advanced Micro Devices

No de pièce AM79C32A
Description  Digital Subscriber Controller??(DSC?? Circuit
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C32A Fiches technique(HTML) 76 Page - Advanced Micro Devices

Back Button AM79C32A Datasheet HTML 72Page - Advanced Micro Devices AM79C32A Datasheet HTML 73Page - Advanced Micro Devices AM79C32A Datasheet HTML 74Page - Advanced Micro Devices AM79C32A Datasheet HTML 75Page - Advanced Micro Devices AM79C32A Datasheet HTML 76Page - Advanced Micro Devices AM79C32A Datasheet HTML 77Page - Advanced Micro Devices AM79C32A Datasheet HTML 78Page - Advanced Micro Devices AM79C32A Datasheet HTML 79Page - Advanced Micro Devices AM79C32A Datasheet HTML 80Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 101 page
background image
76
Am79C30A/32A Data Sheet
Figure 24.
Signal-to-Total-Distortion Ratio (Receive) (CCITT Method 2 at 1020 Hz)
35
29
24
0
–45
–40
–30
–10
0
Input Level (dBm0)
09893H-18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More