| Moteur de recherche de fiches techniques de composants électroniques |
|
AM53CF94KCW Fiches technique(PDF) 67 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM53CF94KCW Fiches technique(HTML) 67 Page - Advanced Micro Devices |
|
67 / 76 page ![]() P R E L I M I N A R Y AMD 67 Am53CF94/Am53CF96 Parameter No. Symbol Parameter Description Test Conditions Min Max Unit 181 tPD ACK to REQC Delay 50 ns 182 tPD ACK to REQC Delay 45 ns 183 tS Data to ACK Set Up Time 0 ns 184 tH ACK to Data Hold Time 18 ns Asynchronous Target Receive Note: There is a one-to-one relationship between every AMD and Emulex Parameter (refer to Appendix B). Single Ended: Differential: ACK REQC SDC 7–0 SDCP 181 182 183 184 Parameter No. Symbol Parameter Description Test Conditions Min Max Unit 181 tPD ACK to REQC Delay 30 ns 182 tPD ACK to REQC Delay 30 ns 183 tS Data to ACK Set Up Time 0 ns 184 tH ACK to Data Hold Time 18 ns 17348B-57 |