Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L7824AB Fiches technique(PDF) 54 Page - STMicroelectronics

No de pièce L7824AB
Description  Positive voltage regulator ICs
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7824AB Fiches technique(HTML) 54 Page - STMicroelectronics

Back Button L7824AB Datasheet HTML 49Page - STMicroelectronics L7824AB Datasheet HTML 50Page - STMicroelectronics L7824AB Datasheet HTML 51Page - STMicroelectronics L7824AB Datasheet HTML 52Page - STMicroelectronics L7824AB Datasheet HTML 53Page - STMicroelectronics L7824AB Datasheet HTML 54Page - STMicroelectronics L7824AB Datasheet HTML 55Page - STMicroelectronics L7824AB Datasheet HTML 56Page - STMicroelectronics L7824AB Datasheet HTML 57Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 54 / 57 page
background image
Order codes
L78xx, L78xxC, L78xxAB, L78xxAC
54/57
DocID2143 Rev 31
9
Order codes
Table 31. Order codes
Part
numbers
Order codes
TO-220
DPAK
D²PAK
TO-220FP
TO-3
Output
voltages
L7805
L7805T
5 V
L7805C
L7805CV
L7805CDT-TR
L7805CD2T-TR
L7805CP
L7805CT
5 V
L7805CV-DG (1)
5 V
L7805AB
L7805ABV
L7805ABD2T-TR
L7805ABP
5 V
L7805ABV-DG (1)
5 V
L7805AC
L7805ACV
L7805ACD2T-TR
L7805ACP
5 V
L7805ACV-DG (1)
5 V
L7806C
L7806CV
L7806CD2T-TR
L7806CT
6 V
L7806CV-DG (1)
6 V
L7806AB
L7806ABV
L7806ABD2T-TR
6 V
L7806ABV-DG (1)
6 V
L7806AC
L7806ACV
6 V
L7806ACV-DG (1)
6 V
L7808C
L7808CV
L7808CD2T-TR
8 V
L7808CV-DG (1)
8 V
L7808AB
L7808ABV
L7808ABD2T-TR
8 V
L7808ABV-DG (1)
8 V
L7808AC
L7808ACV
8 V
L7808ACV-DG (1)
8 V
L7885C
L7885CV
L7885CD2T-TR (2)
L7885CP (2)
L7885CT (2)
8.5 V
L7809C
L7809CV
L7809CD2T-TR
L7809CP
9 V
L7809CV-DG (1)
9 V
L7809AB
L7809ABV
L7809ABD2T-TR
9 V
L7809AC
L7809ACV
9 V
L7812C
L7812CV
L7812CD2T-TR
L7812CP
L7812CT
12 V
L7812CV-DG (1)
12 V
L7812AB
L7812ABV
L7812ABD2T-TR
12 V
L7812ABV-DG (1)
12 V
L7812AC
L7812ACV
L7812ACD2T-TR
12 V
L7812ACV-DG (1)
12 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57