Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM7996JC Fiches technique(PDF) 2 Page - Advanced Micro Devices

No de pièce AM7996JC
Description  IEEE 802.3/Ethernet/Cheapernet Transceiver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM7996JC Fiches technique(HTML) 2 Page - Advanced Micro Devices

  AM7996JC Datasheet HTML 1Page - Advanced Micro Devices AM7996JC Datasheet HTML 2Page - Advanced Micro Devices AM7996JC Datasheet HTML 3Page - Advanced Micro Devices AM7996JC Datasheet HTML 4Page - Advanced Micro Devices AM7996JC Datasheet HTML 5Page - Advanced Micro Devices AM7996JC Datasheet HTML 6Page - Advanced Micro Devices AM7996JC Datasheet HTML 7Page - Advanced Micro Devices AM7996JC Datasheet HTML 8Page - Advanced Micro Devices AM7996JC Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
AMD
2
Am7996
RELATED PRODUCTS
Part No.
Description
Am79C98
Twisted Pair Ethernet Transceiver (TPEX)
Am79C100
Twisted Pair Ethernet Transceiver Plus (TPEX+)
Am79C981
Integrated Multiport Repeater Plus
™ (IMR+™)
Am79C987
Hardware Implemented Management Information Base
™ (HIMIB™)
Am79C940
Media Access Controller for Ethernet (MACE
™)
Am79C90
CMOS Local Area Network Controller for Ethernet (C-LANCE)
Am79C900
Integrated Local Area Communications Controller
™ (ILACC™)
Am79C960
PCnet-ISA Single-Chip Ethernet Controller (for ISA bus)
Am79C961
PCnet-ISA
+ Single-Chip Ethernet Controller (with Microsoft® Plug n’ Play® Support)
Am79C965
PCnet-32 Single-Chip 32-Bit Ethernet Controller (for 386DX, 486 and VL buses)
Am79C970
PCnet-PCI Single-Chip Ethernet Controller (for PCI bus)
Am79C974
PCnet-SCSI Combination Ethernet and SCSI Controller for PCI Systems
CONNECTION DIAGRAMS
07506E-2
07506E-3
Notes:
Pin 1 is marked for orientation.
NC = No Connection
DIP
PLCC
V
CC1
CI+
CI–
DI+
DI–
VC
REF
SQE^TEST
DO+
DO–
V
EE
V
CC2
COLL OSC
V
COL
NC
RXT
NC
TAP SHIELD
V
TX–
V
TX+
TXT
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
14
13
12
11
15
DI+
DI–
VC
REF
SQE^TEST
DO+
TAP SHIELD
NC
RXT
NC
V
COL
3
2 1 20 19
4
5
6
7
8
18
17
16
15
14
9 10 11 12 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18