Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM53CF96JCW Fiches technique(PDF) 74 Page - Advanced Micro Devices

No de pièce AM53CF96JCW
Description  Enhanced SCSI-2 Controller (ESC)
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM53CF96JCW Fiches technique(HTML) 74 Page - Advanced Micro Devices

Back Button AM53CF96JCW Datasheet HTML 68Page - Advanced Micro Devices AM53CF96JCW Datasheet HTML 69Page - Advanced Micro Devices AM53CF96JCW Datasheet HTML 70Page - Advanced Micro Devices AM53CF96JCW Datasheet HTML 71Page - Advanced Micro Devices AM53CF96JCW Datasheet HTML 72Page - Advanced Micro Devices AM53CF96JCW Datasheet HTML 73Page - Advanced Micro Devices AM53CF96JCW Datasheet HTML 74Page - Advanced Micro Devices AM53CF96JCW Datasheet HTML 75Page - Advanced Micro Devices AM53CF96JCW Datasheet HTML 76Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 74 / 76 page
background image
P R E L I M I N A R Y
AMD
74
Am53CF94/Am53CF96
PHYSICAL DIMENSIONS*
PQR100
Plastic Quad Flatpack Trimmed and Formed (measured in millimeters)
0.22
0.38
13.90
14.10
17.10
17.30
18.85
REF
19.90
20.10
23.00
23.40
0.65
REF
Pin 1 I.D.
12.35
REF
2.60
3.00
3.35
MAX
0.70
0.90
TOP VIEW
SIDE VIEW
15590D
BX 45
9/6/91 SG
PQJ 100 (Plastic Quad Flat Pack; Trimmed and Formed)
(measured in millimeters)
0.25
MIN
* For reference only. BSC is an ANSI standard for Basic Space Centering.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76