Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM7992BJC Fiches technique(PDF) 26 Page - Advanced Micro Devices

No de pièce AM7992BJC
Description  Serial Interface Adapter (SIA)
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM7992BJC Fiches technique(HTML) 26 Page - Advanced Micro Devices

Back Button AM7992BJC Datasheet HTML 19Page - Advanced Micro Devices AM7992BJC Datasheet HTML 20Page - Advanced Micro Devices AM7992BJC Datasheet HTML 21Page - Advanced Micro Devices AM7992BJC Datasheet HTML 22Page - Advanced Micro Devices AM7992BJC Datasheet HTML 23Page - Advanced Micro Devices AM7992BJC Datasheet HTML 24Page - Advanced Micro Devices AM7992BJC Datasheet HTML 25Page - Advanced Micro Devices AM7992BJC Datasheet HTML 26Page - Advanced Micro Devices AM7992BJC Datasheet HTML 27Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 26 / 27 page
background image
AMD
26
Am7992B
TYPICAL PERFORMANCE CURVE
600
500
400
300
200
100
0
–100
1.0
2.0
3.0
4.0
5.0
6.0
03378I-25
Time (
µs)
Differential Output
Voltage (VO)
(mV)
End of Transmission – Differential Output Voltage*
Notes:
R = 78
Ω*
R = 78
Ω
L = 95
µH
3
R = 78
Ω
L = 75
µH
2
R = 78
Ω
L = 60
µH
1
LR
L Test
R Test
60
µH
Am7992B
75
µH NOM.
AUI
VO
80.4
Am7996
75
µH NOM.
Am7992B
80.4
VO
Am7996
95
µH
1. 802.3 Test Load:
2. 802.3 10BASE5 Network Connection:
3. 802.3 10BASE2 Network Connection:
*Equivalent Load:
03378I-26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27